all specification & dimensions are subject to change, please cal l your nearest foxconn sales re presentative for update informat ion. specifications friction header hf18 series friction r/a type 2.54mm [.100??] pitch mechanical contact retention force: 1.36kgf min. electrical voltage rating: 250v current rating: 4.0a per pin dielectric withstanding voltage: 750v ac insulation resistance: 1000m ? min. physical housing: thermoplastic, ul 94v-0 rating in ivory color contact: copper alloy plating: see ?ordering information? operating temperature: -40 j to +105 j drawing ordering in fo r matio n none : dim.d=3.64mm no. of pos. 11=11 pos. 02=02 pos. : s: dim.d=2.40mm termination&contact type product no. :h f 18 ** * - * * header friction lock modification code none : standard product k : pos. no. 2 and n-1 are kinked kink type nickel plating with rohs compliance f=gold flash plating 1u'' min. all over e=tin plating 100u'' min. all over contact area plating nickel plating with rohs compliance [0.800] [0.700] ii ii ii type [0.700] [0.600] [0.500] [0.400] dim. a [0.200] [0.300] hf1804*-** hf1802*-** part no. hf1803*-** hf1805*-** hf1806*-** hf1807*-** i 10.16 7.62 dim. b [0.300] [0.200] [0.100] 5.08 2.54 7.62 5.08 i i [0.600] [0.400] [0.500] 15.24 12.70 10.16 17.78 12.70 15.24 ii hf1808*-** 17.78 20.32
|